| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0894 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 45 page ![]() Running the STM32W108xx kits UM0894 22/45 Doc ID 16999 Rev 6 2.2.2 Use the remote control (RC) and virtual TV applications To send an RC command to the virtual TV, push the associated RC symbol on the STM32- Primer2 touch sensing screen. Figure 6. RF4CE RC application driving the ST Virtual TV PC applet Note: For further information about the ST RF4CE demonstration applications, refer to the STM32W108xx ZigBee RF4CE library user manual (UM0909). 2.2.3 Use the virtual remote control (RC) and virtual TV applications The same demonstration application can be run using the ST virtual remote control (RC) PC applet. The RF4CERC PC applet implements a virtual RC supporting the following features: ● Certain RC standard buttons ● Volume control ● Mute ● Channel change ● Pair button ● Paired device information Click on From Windows to launch the RF4CERC.exe PC applet. A PC applet GUI appears. |