| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0894 bảng dữ liệu(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 bảng dữ liệu(HTML) 14 Page - STMicroelectronics |
|
14 / 45 page ![]() Getting started UM0894 14/45 Doc ID 16999 Rev 6 1.5.5 MB851 jumper configuration Table 13 lists the jumpers configurations on the MB851 board. 1.5.6 MB851 PC interface chip Table 14 lists the PC interface chip available in the MB851 board to allow I/O interface to the STM32W108. 1.5.7 MB851 battery holder 1.6 MB954 hardware description 1.6.1 MB954 resources Table 16 lists the resources available in the MB954 board to develop applications and their connection with STM32W108 pins. Table 13. MB851 jumper configuration Label Configuration JP1 Power Mems, temperature sensor and infrared LED P2 1-2: battery powered 2-3: reserved 3-4: USB or JTAG powered Table 14. MB851 PC Interface chip Revision Type Part Rev. A PC I/O FTDI FT232R Rev. B PC I/O FTDI FT232R Rev. C, D PC I/O STM32F103TBU6 Table 15. MB851 battery holder Type Label 2x AAA battery holder BT1 Table 16. MB954 resources Type Label Part Rev. A Rev. B, C GPIO GPIO Button RST1 Button S1 PB3 PB3 |