| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0894 bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0894 bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 45 page ![]() UM0894 Running the STM32W108xx kits Doc ID 16999 Rev 6 23/45 Figure 7. RF4CERC PC applet Push the button to start pairing with the ST Virtual TV and then use the RC buttons to drive the virtual TV. 2.3 Basic star network (based on SimpleMAC library) This section shows how to set up a star network supporting parent and child roles (called, respectively, sun and planet). 2.3.1 Run preloaded sample appl. on STM32-Primer2, MB850 platforms (only for STM32W108B-SK) The STM32-Primer2 tool provided with the STM32W-SK starter kit is delivered with a sample application (sun image). This application automatically configures the connected MB850 extension board with the related sample application. To run the sample application on the STM32-Primer2, MB850 platforms, follow these steps: 1. Connect the MB850 to the extension connector of the STM32-Primer2 tool. 2. Power on your STM32-Primer2. 3. Press the joystick button to launch the main menu and select Applic.->SM SUN. If everything is done properly, you get an LCD screen showing a light blue box in the center. This blue box represents the sun node (a network has been created). |