| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0324 bảng dữ liệu(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 bảng dữ liệu(HTML) 49 Page - STMicroelectronics |
|
49 / 105 page ![]() UM0324 Library functions 49/105 Otherwise, if the difference of duty cycles between Phase B and A is long enough to allow only one A/D conversion to be performed between Phase B low side switch on and Phase A high side switch off, the strategy shown in Figure 33 is used. In Figure 33, TRise represents the time required by the analog voltage on the shunt resistor of a phase (signal ‘Current feedback of Phase B’) to settle after a commutation of the low side switch belonging to the same phase. Figure 31. Low side duty cycle Phase A < DT+TN+TS and ΔDutyA-B > DT+TN+2TS+TH+TDMA Figure 32. Low side duty cycle Phase A < DT+TN+TS and DT+TRise+TS < ΔDutyA-B < DT+TN+2TS+TH+TDMA |