| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0324 bảng dữ liệu(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 bảng dữ liệu(HTML) 72 Page - STMicroelectronics |
|
72 / 105 page ![]() Library functions UM0324 72/105 For information on selecting the PWM switching frequency, you will find advice in Section A.2 on page 98. To determine the max modulation index corresponding to the PWM switching frequency, refer to Table 2 on page 51. 4.6 Encoder feedback processing: 75x_encoder.c module 4.6.1 List of available functions and interrupt service routines The following is a list of available functions as listed in the 75x_ encoder .h header file: ● ENC_Init on page 72 ● ENC_GetPosition on page 73 ● ENC_Get_Electrical_Angle on page 73 ● ENC_Get_Mechanical_Angle on page 73 ● ENC_ResetEncoder on page 74 ● ENC_Clear_Speed_Buffer on page 74 ● ENC_Get_Speed on page 74 ● ENC_Get_Average_Speed on page 75 ● TIMx_UP_IRQHandler - interrupt routine on page 75 ENC_Init Synopsis void ENC_Init(void) Description The purpose of this function is to initialize the encoder timer. The peripheral clock, input pins and update interrupt are enabled. The peripheral is configured in 4X mode, which means that the counter is incremented/decremented on the rising/falling edges of both timer input 1 and 2 (TIMx_TI0 and TIMx_TI1 pins). Functions called MRCC_PeripheralClockConfig GPIO_Init EIC_IRQInit TIM_StructInit, TIM_Init, TIM_ClearFlag, TIM_ITConfig, TIM_ResetCounter, Tim_Cmd See also STR750 datasheet: synchronizable standard timer. |