| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0324 bảng dữ liệu(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 bảng dữ liệu(HTML) 76 Page - STMicroelectronics |
|
76 / 105 page ![]() Library functions UM0324 76/105 4.7 Tachogenerator feedback processing: 75x_tacho.c module 4.7.1 List of available functions and interrupt service routines The following is a list of available functions as listed in the 75x_ encoder .h header file: ● TAC_TachoTimerInit on page 76 ● TAC_InitTachoMeasure on page 77 ● TAC_GetRotorFreqInHz on page 77 ● TAC_GetRotorFreq on page 78 ● GetLastTachoPeriod on page 78 ● GetAvrgTachoPeriod on page 78 ● TAC_IsTimedOut on page 79 ● TAC_ClrTimeOut on page 79 ● TAC_GetCaptCounter on page 79 ● TAC_ClrCaptCounter on page 80 ● TAC_StartTachoFiltering on page 80 ● TAC_ValidSpeedInfo on page 80 ● TIMx_IC12_IRQHandler on page 81 ● TIMx_UP_IRQHandler on page 81 TAC_TachoTimerInit Synopsis void TAC_TachoTimerInit(void) Description The purpose of this function is to initialize the timer that will perform the tacho signal period measurement (the timer can be chosen in the 75x_tacho_prm.h file). The peripheral clock and the capture interrupt are enabled, and the timer is initialized in “clear on capture” mode. Functions called MRCC_PeripheralClockConfig EIC_IRQInit TIM_DeInit, TIM_StructInit, TIM_Init, TIM_ClearFlag, TIM_ITConfig, TIM_ResetCounter, Tim_Cmd Note The timer starts counting at the end of the routine. See also STR750 datasheet: synchronizable standard timer. |