| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0324 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0324 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 105 page ![]() UM0324 Getting started with the library 17/105 ● The PID-controller block implements a proportional, integral and derivative feedback controller, to achieve speed, torque and flux regulation. Figure 7. FOC structure 2.2 How to customize hardware and software parameters It is quite easy to set up an operational evaluation platform with a drive system that includes the STR750-MCKIT (featuring the STR750 microcontroller, where this software runs) and an AC induction motor. This section explains how to quickly configure your system and, if necessary, customize the library accordingly. Follow these steps to accomplish this task: 1. Gather all the information that is needed regarding the hardware in use (motor parameters, power devices features, speed/position sensor parameters, current sensors transconductance); 2. Edit, using an IDE, the configuration header file 75x_MCconf.h (as explained in more detail in Section 2.2.1), and the following parameter header files, – MC_Control_Param.h (see Section 2.2.2), – MC_encoder_param.h (see Section 2.2.3) or MC_tacho_prm.h (see Section 2.2.4), – MC_ACmotor_prm.h (see Section 2.2.5); 3. Re-build the project and download it on the STR750 microcontroller. |