| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3375 bảng dữ liệu(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 bảng dữ liệu(HTML) 44 Page - STMicroelectronics |
|
44 / 73 page ![]() ISO15693 library (intermediate layer) AN3375 44/73 Doc ID 018637 Rev 1 3.8 Get flag from information flag byte functions 3.8.1 ISO15693_GetDSFIDFlag function This function returns the DSFID flag extracted from the information flags. 3.8.2 ISO15693_GetAFIFlag function This function returns AFI flag extracted from the information flags. Table 66. Description of information flag byte Bit nb Flag name Description 1DSFID 0: DSFID field is not present 1: DSFID field is present 2AFI 0: AFI field is not present 1: AFI field is present 3 memory size 0: memory size field is not present 1: memory size field is present 4 IC reference 0: IC reference field is not present 1: IC reference field is present 5 to 8 RFU Table 67. ISO15693_GetDSFIDFlag function description Function description Prototype result = int8_t ISO15693_GetDSFIDFlag (uc8 FlagsByte); Input parameter FlagsByte: information flags Output parameter none Return parameter DSFID flag Table 68. ISO15693_GetAFIFlag function description Function description Prototype result = int8_t ISO15693_GetAFIFlag (uc8 FlagsByte); Input parameter FlagsByte: information flags Output parameter none Return parameter AFI flag |