| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3375 bảng dữ liệu(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3375 bảng dữ liệu(HTML) 62 Page - STMicroelectronics |
|
62 / 73 page ![]() M24LRXX-R Layer AN3375 62/73 Doc ID 018637 Rev 1 4.4.3 M24LRXX_PresentSectorPassword function This function sends a Present Sector Password command to a contactless tag. It is specific to M24LRXX-R devices. 4.4.4 M24LRXX_FastReadSingleBlock function This function sends a Fast Read Single Block command to a contactless tag. It is specific to M24LRXX-R products. The protocol extension flag is forced to ‘1’. Table 96. M24LRXX_PresentSectorPassword function description Function description Protocol result = int8_t M24LRXX_PresentSectorPassword(uc8 Flags, uc8 *UIDin, uc8 PasswordNumber,uc8 *Password,uc8 AppendCRC, uc8 *CRC16,uint8_t *pResponse ); Input parameter Flags: request flags UIDin: pointer to contactless tag UID PasswordNumber: password index Password: pointer to password to test AppendCRC: CRC16 management CRC16: pointer to user CRC16 Output parameter pResponse: pointer to CR95HF response Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code Table 97. M24LRXX_FastReadSingleBlock function description Function description Protocol result = int8_t M24LRXX_FastReadSingleBlock (uc8 Flags, uc8 *UIDin, uc8 *BlockNumber,uc8 AppendCRC, uc8 *CRC16,uint8_t *pResponse ); Input parameter Flags: request flags UIDin: pointer to contactless tag UID BlockNumber: block index AppendCRC: CRC16 management CRC16: pointer to user CRC16 Output parameter pResponse: pointer to CR95HF response Return parameter ERRORCODE_GENERIC: a parameter value is erroneous or CR95HF returns an error code RESULTOK: CR95HF returns a succeeded code |