công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3375 bảng dữ liệu(PDF) 63 Page - STMicroelectronics

tên linh kiện AN3375
Giải thích chi tiết về linh kiện  CR95HF library for ISO15693 and Dual Interface EEPROM products
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3375 bảng dữ liệu(HTML) 63 Page - STMicroelectronics

Back Button AN3375 Datasheet HTML 59Page - STMicroelectronics AN3375 Datasheet HTML 60Page - STMicroelectronics AN3375 Datasheet HTML 61Page - STMicroelectronics AN3375 Datasheet HTML 62Page - STMicroelectronics AN3375 Datasheet HTML 63Page - STMicroelectronics AN3375 Datasheet HTML 64Page - STMicroelectronics AN3375 Datasheet HTML 65Page - STMicroelectronics AN3375 Datasheet HTML 66Page - STMicroelectronics AN3375 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
AN3375
M24LRXX-R Layer
Doc ID 018637 Rev 1
63/73
4.4.5
M24LRXX_FastReadMultipleBlock function
This function sends a Fast Read Multiple Block command to a contactless tag. It is specific
to M24LRXX-R devices.
The protocol extension flag is forced to ‘1’.
4.4.6
M24LRXX_FastInventoryInitiated function
This function sends a Fast Inventory Initiated command to a contactless tag. It is specific to
M24LRXX-R devices.
Table 98.
M24LRXX_FastReadMultipleBlock function description
Function description
Protocol
result = int8_t
M24LRXX_FastReadMultipleBlock (uc8
Flags, uc8 *UIDin, uc8 *BlockNumber, uc8
NumberOfBlock,uc8 AppendCRC, uc8
*CRC16,uint8_t *pResponse );
Input parameter
Flags: request flags
UIDin: pointer to contactless tag UID
BlockNumber: block index
NumberOfBlock : number of blocks to read
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code
Table 99.
M24LRXX_FastInventoryInitiated function description
Function description
Protocol
result = int8_t
M24LRXX_FastInventoryInitiated (uc8
Flags, uc8 AFIin, uc8 MaskLength,uc8
*Mask,uc8 AppendCRC, uc8 *CRC16,uint8_t
*pResponse );
Input parameter
Flags: request flags
AFI: AFI word
MaskLength: number of bit of mask
MaskValue: mask
AppendCRC: CRC16 management
CRC16: pointer to user CRC16
Output parameter
pResponse: pointer to CR95HF response
Return parameter
ERRORCODE_GENERIC: a parameter value is erroneous
or CR95HF returns an error code
RESULTOK: CR95HF returns a succeeded code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73