| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3023 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3023 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 23 page ![]() AN3023 ADC hardware description Doc ID 16113 Rev 1 5/23 1.2 ADC operation The analog-to-digital converter supports two basic conversion modes: single mode and continuous mode. Figure 2 and Figure 3 describe single and continuous mode analog-to-digital converter operation. In single conversion mode, the analog-to-digital converter performs only one conversion on the selected channel. Figure 2. Single conversion mode In continuous conversion mode, the analog-to-digital converter starts another conversion as soon as the previous one is concluded. Figure 3. Continuous conversion mode As shown in these figures, after ADC power on, the analog-to-digital converter needs a stabilization time tSTAB (equivalent to one conversion time tCONV) before it starts converting accurately. For subsequent conversions there is no stabilization delay and ADON needs to be set only once. conversion time (14 clocks) 1 sync clock 3 clocks sampling time 10 clocks conversion Power-on ADC ADON=1 CLK ADON EOC tSTAB Start conversion ADON=1 or trigger End of conversion Software reads ADC data Software clears EOC bit Start conversion ADON=1 or trigger ADC inactive next conversion conversion time (14 clocks) Power-on ADC ADON=1 CLK ADON EOC tSTAB Start conversion ADON=1 or trigger End of conversion Software clears EOC bit Next conversion starts immediately next conversion time (14 clocks) Software reads ADC data |