| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3023 bảng dữ liệu(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3023 bảng dữ liệu(HTML) 20 Page - STMicroelectronics |
|
20 / 23 page ![]() Practical application AN3023 20/23 Doc ID 16113 Rev 1 4.3 Methods for precision improvement This section presents some hardware and software methods to minimize errors that can occur in analog-to-digital conversions. 4.3.1 Hardware methods ● Analog zooming (use appropriate VREF voltage and VREF offset) – selects reference voltage between input signal ranges – gives full ADC range – minimum voltage per bit ● White noise added to measured signal – wobbling of input signal over several bits makes it possible to use averaging (if input signal is very stable) – white noise gives independence from sampling frequency ● Hardware design considerations – grounding – reference voltage filtering – supply filtering – preamplifier usage – frequency independence 4.3.2 Software methods ● Averaging samples – averaging decreases speed but can improve accuracy ● Digital filtering (50/60 Hz suppression from DC value) – proper sampling frequency to be set (trigger from Timer1 is useful in this case) – software post processing to be performed on sampled data (comb filter) ● Fast Fourier Transform (FFT) for AC measurements – shows harmonic parts in measured signal – slower due to more computational power requirements ● Calibration of ADC—offset, gain, bit weight calibration – decreases internal ADC errors – internal ADC structure must be known |