| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3023 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3023 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 23 page ![]() Practical application AN3023 18/23 Doc ID 16113 Rev 1 4 Practical application 4.1 Areas of use ● Temperature measurement – Process calibration – Device thermal protection – Fan control ● Power supply measurement – Auto save configuration – Battery charging/protection ● Measurement of physical values in other types of applications – Automation—from sensors with analog outputs – Household—for example, automatic lights dimmers, weather stations, thermometers, security sensors – Industry—for example, lights, thermostats, humidity control – Electrical quantity measurements—for example, voltage, current, capacity, resistance 4.2 Hardware connection examples Figure 6. Simple unipolar DC signal measurement Figure 7. External preamplifier usage (with high impedance input) STM8A VREF- VSS AINx UIN STM8A VREF- VSS AINx UIN + - R1 R2 |