| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2491 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2491 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 32 page ![]() STW8110x public header file AN2491 28/32 // REG1 #define bwcount_B10_3 8 // main counter #define bscount_B10_3 0 // main counter // REG2 #define bwcount_B2_0 3 // main counter #define bwcount_A 5 // swallow counter #define bscount_B2_0 5 // main counter #define bscount_A 0 // swallow counter // REG3 #define bwREF_CLK_DIV_RATIO9_2 8 // Ref clock divider ratio #define bsREF_CLK_DIV_RATIO9_2 0 // Ref clock divider ratio // REG4 #define bwREF_CLK_DIV_RATIO1_0 2 // Ref clock divider ratio #define bwPLL_A 2 // VCO Amplitude control #define bwCPSEL 3 // charge pump output current control #define bwPSC_SEL 1 // Prescaler modulus select #define bsREF_CLK_DIV_RATIO1_0 6 // Reference clock divider ratio #define bsPLL_A 4 // VCO Amplitude control #define bsCPSEL 1 // charge pump output current control #define bsPSC_SEL 0 // Prescaler modulus select // REG5 #define bwINITCAL 1 // Test purpose only,must be set to 0 #define bwSERCAL 1 // VCO Calibration Enable #define bwSELEXTCAL 1 // Test purpose only,must be set to 0 #define bwCAL 5 // Test purpose only,must be set to 0 #define bsINITCAL 7 // Test purpose only,must be set to 0 #define bsSERCAL 6 // VCO Calibration Enable #define bsSELEXTCAL 5 // Test purpose only,must be set to 0 #define bsCAL 0 // Test purpose only,must be set to 0 // REGRO #define bwDEV_ID 2 // VCO Calibration Enable #define bwLOCK_DET 1 // '1' when PLL is locked #define bwINTCAL 5 // Internal value of VCO control word #define bsDEV_ID 6 // Dev ID:'00'-> 81101,'01' -> 81102 #define bsLOCK_DET 5 // '1' when PLL is locked #define bsINTCAL 0 // Internal value of VCO control word // Used for parameters splitted #define bwB11 1 #define bsB11 11 #define bwB10_3 8 #define bsB10_3 3 #define bwB2_0 3 #define bsB2_0 0 #define bwREF_DIV9_2 8 #define bsREF_DIV9_2 2 #define bwREF_DIV1_0 2 #define bsREF_DIV1_0 0 #endif //__INTERFACE_I2C |