| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2491 bảng dữ liệu(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2491 bảng dữ liệu(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() STW8110x public header file AN2491 22/32 7 STW8110x public header file //***************************************************************** // Copyright (C) 2006 STMicroelectronics // File name:STW8110x.h // Description:Header file for SPI/I2C STW8110x Interface Driver // code. Provides function type and data structure definition // Creation:11/20/2006 //***************************************************************** #ifndef _STW8110x_H #define _STW8110x_H //***************************************************************** // -------Preprocessor Checking------- //***************************************************************** #if !( defined(__PLATFORM_STW81101) | defined(__PLATFORM_STW81102) | defined(__PLATFORM_STW81103)) #error "__PLATFORM_STW81101, __PLATFORM_STW81102 or __PLATFORM_STW81103 must be defined" #endif #if !( defined(__INTERFACE_I2C) | defined(__INTERFACE_SPI)) #error "Either of __INTERFACE_I2C or __INTERFACE_SPI must be defined" #endif #if !( defined(__NO_DEBUG) | defined(__DEBUG)) #error "Either of __NO_DEBUG or __DEBUG must be defined" #endif //***************************************************************** // -------Allowing C++ to use these headers------- //***************************************************************** #ifdef__cplusplus extern "C" { #endif // __cplusplus //***************************************************************** // -------miscellaneous------- //***************************************************************** //----------------------------------------------------------------- // Type definition //----------------------------------------------------------------- typedef unsigned int t_uint32; typedef unsigned char t_uint8; //----------------------------------------------------------------- // Type enumeration //----------------------------------------------------------------- typedef enum {BOOL_FALSE, BOOL_TRUE} t_bool; //----------------------------------------------------------------- // Constants //----------------------------------------------------------------- #define REG_CLEAR0x00000000 #define ZERO0x0 |