| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2182 bảng dữ liệu(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2182 bảng dữ liệu(HTML) 3 Page - STMicroelectronics |
|
3 / 18 page ![]() AN2182 ST10 DSP library 3/18 1 ST10 DSP library The ST10 DSP free library is a set of arithmetic and signal processing functions based on the ST10 MAC unit. These functions are callable from C and fully compatible with the Tasking compiler. This library manipulates signed integers coded on 16 or 32 bits. These integers represent numbers belonging to the interval [–1, 1[. We name these formats: Q1.31 and Q1.15. Table 1. Examples of integer representations For a detailed description of the ST10 DSP library, please refer to the application note AN1442 “Signal processing with ST10-DSP”. –1 -0.5 -0.25 0 0.25 0.5 1 - 1/215 1 - 1/231 Q1.15 0xFFFF 0xC000 0xA000 0x0000 0x2000 0x4000 0x7FFF 0x7FFF Q1.31 0xFFFF FFFF 0xC000 0000 0xA0000 000 0x00000 000 0x20000 000 0x40000 000 0x7FFF 0000 0x7FFFFFFF |