| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN2182 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2182 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 18 page ![]() AN2182 Cutoff band filter 11/18 6 Cutoff band filter The aim of this section is to create a cutoff band filter with a cutoff frequency F1, a pass frequency F2> F1, and a gain of G=1, by determining a FIR filter using the digital approach. The FIR coefficients correspond to h(n) where h is the continuous time response of the filter and h(n) = h(nTs). In the frequency domain, the ideal cutoff band filter corresponding to these criteria has the following response: Figure 7. Ideal cut-band filter frequency response If we consider ● HP(f) the frequency response of the passband filter with a pass frequency F1 and cutoff frequency F2 ● HC(f) the frequency response of the cutoff band filter with a cutoff frequency F1 and pass frequency F2 ● Ts is the sampling period then, we can easily notice that In the time domain, this gives with n = 0.. N – 1 and where ● N is the number of FIR coefficients ● N – 1 is the FIR’s order ● W is the window time response In the case of a cutoff band filter, N should be odd because of the dirac, that is the FIR’s order should be even. F1 0 1 F2 -F1 -F2 Frequency F1 0 1 F2 -F1 -F2 Frequency Cut-band filter Passband filter H C f () 1H P f () – = (8) h C n () δ n N1 – 2 ------------- – ⎝⎠ ⎛⎞ 2 F 2 F s -------c 2F 2 n N1 – 2 ------------- – ⎝⎠ ⎛⎞ T s ⎝⎠ ⎛⎞ sin 2 F 1 F s -------c 2F 1 n N1 – 2 ------------- – ⎝⎠ ⎛⎞ T s ⎝⎠ ⎛⎞ sin – ⎝⎠ ⎜⎟ ⎛⎞ – = |