công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN2182 bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện AN2182
Giải thích chi tiết về linh kiện  Filters using the ST10 DSP library
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2182 bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button AN2182 Datasheet HTML 10Page - STMicroelectronics AN2182 Datasheet HTML 11Page - STMicroelectronics AN2182 Datasheet HTML 12Page - STMicroelectronics AN2182 Datasheet HTML 13Page - STMicroelectronics AN2182 Datasheet HTML 14Page - STMicroelectronics AN2182 Datasheet HTML 15Page - STMicroelectronics AN2182 Datasheet HTML 16Page - STMicroelectronics AN2182 Datasheet HTML 17Page - STMicroelectronics AN2182 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AN2182
Implementation example using the ST10 DSP library
15/18
7.3.2
Phase response
The following figure gives the phase response.
Figure 11. Phase response
The code implemented to generate this digital low-pass filter can be used to implement a high-
pass, a passband or a cutoff band filter. One simply needs to change the filter’s coefficients and
the number of coefficients. However, with this implementation, care should be taken with the
sampling frequency, which changes with the filter’s coefficients number and the ST10F27x
frequency.
-180
-80
20
120
1
10
100
1000
10000
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18