công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN1014 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện AN1014
Giải thích chi tiết về linh kiện  HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1014 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button AN1014 Datasheet HTML 12Page - STMicroelectronics AN1014 Datasheet HTML 13Page - STMicroelectronics AN1014 Datasheet HTML 14Page - STMicroelectronics AN1014 Datasheet HTML 15Page - STMicroelectronics AN1014 Datasheet HTML 16Page - STMicroelectronics AN1014 Datasheet HTML 17Page - STMicroelectronics AN1014 Datasheet HTML 18Page - STMicroelectronics AN1014 Datasheet HTML 19Page - STMicroelectronics AN1014 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16/25
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
7 APPENDIX B: ST7FLITE0 STANDARD EXAMPLES
This section provides examples of how to minimise the consumption in a particular ST7 appli-
cation for device ST7FLITE09.( Use ST7LITE0 datasheet for a reference)
7.1 EXAMPLE 1: STATIC MEASUREMENT
This example provides a static method of measuring the current consumed by the microcon-
troller in different modes and without any I/O activity. The measurement is done using the fol-
lowing configuration.
7.1.1 Measurement Configuration
– All ports have been set as Push-Pull Outputs at low level.
– All other peripherals are in reset configuration.
– After this, MCU is put into different modes by calling different instructions and by setting
some bits (in the MCCSR & ATCSR registers).
– In Option Byte, PLL is disabled, Internal RC Oscillator is OFF, LVD is OFF & No Reset when
Halt is selected.
Figure 4. Hardware Setup
7.1.2 Consumption
The consumption mainly depends on the mode selected, CPU frequency & Supply voltage.
mA
VDD
ST7LITE0
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com