công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM0969 bảng dữ liệu(PDF) 42 Page - STMicroelectronics

tên linh kiện UM0969
Giải thích chi tiết về linh kiện  3-phase motor control demonstration board featuring IGBT intelligent power module STGIPS10K60A
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0969 bảng dữ liệu(HTML) 42 Page - STMicroelectronics

Back Button UM0969 Datasheet HTML 38Page - STMicroelectronics UM0969 Datasheet HTML 39Page - STMicroelectronics UM0969 Datasheet HTML 40Page - STMicroelectronics UM0969 Datasheet HTML 41Page - STMicroelectronics UM0969 Datasheet HTML 42Page - STMicroelectronics UM0969 Datasheet HTML 43Page - STMicroelectronics UM0969 Datasheet HTML 44Page - STMicroelectronics UM0969 Datasheet HTML 45Page - STMicroelectronics UM0969 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Environmental considerations
UM0969
42/46
Doc ID 17665 Rev 2
11
Environmental considerations
Warning:
The STEVAL-IHM027V1 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
All measuring equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents shock occurring as a
result of touching any SINGLE point in the circuit, but does
NOT prevent shock when touching two or more points in the
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46