| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM0969 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0969 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 46 page ![]() UM0969 Description of jumpers, test pins, and connectors Doc ID 17665 Rev 2 25/46 Table 8. Testing points description Test point Description TP1 Phase A TP2 Phase B TP3 Phase C TP4 PWM – phase A – low side TP5 PWM – phase A – high side TP6 PWM – phase B – low side TP7 PWM – phase B – high side TP8 PWM – phase C – low side TP9 PWM – phase C – high side TP10 Current phase A TP11 Current phase B TP12 Current phase C TP13 Encoder phase A TP14 Encoder phase B TP15 Encoder phase C TP16 HV bus TP17 Brake control TP18 +3.3 V TP19 +5 V TP20 +15 V TP21 GND |