| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4209 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4209 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 19 page ![]() DocID023949 Rev 2 17/19 AN4209 Conclusion Using the measurements from Table 5: The component matches the application requirements. 4 Conclusion This application note has presented design guidelines for the new protection device family STRVS dedicated to the repetitive operation mode. The design procedure proposed by STMicroelectronics serves as basis of a quick and efficient design process to offer better protection. Note that this methodology is flexible and can fit a wide range the application requirements (such as safety margin, allowable Tjpeak values…). ) 125 ; ( ) 121 ; ( 121 351 . 0 54 ) ( C I V C I V C T P R T W P W P PPmax CL PPmax typ CL l D l j TH peak j D Step ° < ° ° = + · = = = - |