| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4209 bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4209 bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
|
8 / 19 page ![]() STRVS parameters AN4209 8/19 DocID023949 Rev 2 infrared camera and calculate the junction temperature using Equation 6. The lead is the most interesting reference point to evaluate accurately the average operating junction temperature Tjavg. The thermal resistance value Rth(j-l) depends only on the package proprieties unlike Rth(j-a). 1.2.2 Transient parameter Transient thermal impedance (ZTH(j-Ref)(tp)) The transient thermal impedance ZTH(j-Ref)(tp) is the temporary variation of thermal resistance from an input power step function up to reaching a stable value as defined Equation 7. Equation 7 Transient thermal impedance can be calculated using Equation 8. Equation 8 Where: Junction to ambient, ZTH(j-a) and junction to lead, ZTH(j-l) transient thermal impedance curves are provided in the datasheet. However ZTH(j-l) should be preferred to evaluate the peak junction temperature to get a better assessment. Thus from Equation 8, the dynamic change in temperature over the time can be determined using Equation 9 The transient thermal impedance diagram provides a quick and simple method to estimate the rise of junction temperature under transient conditions. Figure 6 below illustrates transient thermal impedance diagrams of the SMB package. Note that thermal impedances increase until they reach their asymptotic limit corresponding to their thermal resistance Rth(j-l) and Rth(j-a). ZTH(j-Ref) Junction to reference transient thermal impedance expressed in °C/W. tp Pulse duration of the step power expressed in s. PStep Step power function applied to the die expressed in W. Tj(tp) Junction temperature over the time width, expressed in °C. TRef Temperature of the reference point expressed in °C. lim tp Æ Zth(j-Ref) (tp) = Rth(j-Ref) Step f p j p TH P T t T t Z f j Re ) ( ) ( ) Re ( - = - l p l j TH Step p j T t Z P t T+ · = - ) ( ) ( ) ( |