| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1618 bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1618 bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 51 page ![]() DocID024371 Rev 3 35/51 UM1618 API specification 50 UINT32 blkLockState); Arguments Return values Troubleshooting Comments See ‘GetLock’ API. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit’ API. Table 53. Arguments for SetLock Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip-dependent. Please refer to Section 2.3 for more details. blkLockIndicator Indicating the address space and the protection level of the block lock register to be read. Refer to Table 46 for valid codes for this parameter. blkLockState The block locks to be set to the specified address space and protection level. Bit mapped value indicating the lock status of the specified address space. 1: The block is locked from program/erase. 0: The block is ready for program/erase Table 54. Return values for SetLock Type Description Possible values UINT32 Successful completion or error value. C55_OK C55_ERROR_BLOCK_INDICATOR C55_ERROR_ALTERNATE Table 55. Troubleshooting for SetLock Returned Error Bits Possible causes Solution C55_ERROR_BLOCK_INDICATOR The input blkLockIndicator is invalid. Set this argument to correct value listed in Table 46. C55_ERROR_ALTERNATE User calls this function to set lock for Large block space via alternate interface. Alternate interface does not support for Large block space. |