| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1618 bảng dữ liệu(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1618 bảng dữ liệu(HTML) 29 Page - STMicroelectronics |
|
29 / 51 page ![]() DocID024371 Rev 3 29/51 UM1618 API specification 50 Arguments Return values Troubleshooting None. Comments After calling this function, read is allowed on main array space without any Read-While- Write error. But data read from the blocks targeted for programming or erasing will be indeterminate even if the operation is suspended. Following table defines and describes various suspend states and associated suspend codes. Table 36. Arguments for FlashSuspend Argument Description Range pSSDConfig Pointer to the SSD Configuration Structure. The values in this structure are chip- dependent. Please refer to Section 2.3 for more details. suspendState Indicate the suspend state of C55 module after the function being called. All state values are enumerated in Table 38. Table 37. Return values for FlashSuspend Type Description Possible values UINT32 Successful completion of this function. C55_OK Table 38. Suspend State Definitions Argument Code Description Valid operation after suspend C55_SUS_NOTHING 10 There is no program/erase operation. Erasing operation, programming operation and read are valid on main array space. C55_PGM_WRITE 11 There is a program sequence in interlock write stage. Only read is valid on main array space. C55_ERS_WRITE 12 There is an erase sequence in interlock write stage. Only read is valid on main array space. C55_ERS_SUS_PGM_WRITE 13 There is an erase-suspend program sequence in interlock write stage. Only read is valid on main array space. C55_PGM_SUS 14 The program operation is in suspended state. Only read is valid on main array space. |