công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UM1618 bảng dữ liệu(PDF) 30 Page - STMicroelectronics

tên linh kiện UM1618
Giải thích chi tiết về linh kiện  Standard software driver for C55 Flash
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1618 bảng dữ liệu(HTML) 30 Page - STMicroelectronics

Back Button UM1618 Datasheet HTML 26Page - STMicroelectronics UM1618 Datasheet HTML 27Page - STMicroelectronics UM1618 Datasheet HTML 28Page - STMicroelectronics UM1618 Datasheet HTML 29Page - STMicroelectronics UM1618 Datasheet HTML 30Page - STMicroelectronics UM1618 Datasheet HTML 31Page - STMicroelectronics UM1618 Datasheet HTML 32Page - STMicroelectronics UM1618 Datasheet HTML 33Page - STMicroelectronics UM1618 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
API specification
UM1618
30/51
DocID024371 Rev 3
This function should be used together with ‘FlashResume’. If suspendState is
C55_PGM_SUS or C55_ERS_SUS or C55_ERS_SUS_PGM_SUS, then ‘FlashResume’
should be called in order to resume the operation.
The table below lists the Suspend State against to the Flash block status.
The values of EHV, ERS, ESUS, PGM and PSUS represent the C55 status at the entry of
‘FlashSuspend’.
0: Logic zero; 1: Logic one; X: Do-not-care.
Assumptions
It assumes that the Flash block is initialized using a ‘FlashInit’ API.
2.7.10
FlashResume
Description
This function checks if there is any suspended erase or program operation on the C55
module, and resumes the suspended operation if there is any.
C55_ERS_SUS
15
The erase operation on
main array is in suspended
state.
Programming/Read operation
is valid on main array space.
C55_ERS_SUS_PGM_SUS
16
The erase-suspended
program operation is in
suspended state.
Only read is valid on main
array space.
Table 39. Suspending State vs. C55 Status
suspendState
EHV
ERS
ESUS
PGM
PSUS
C55_SUS_NOTHING
X
0
X
0
X
C55_PGM_WRITE
0
0
X
1
0
C55_ERS_WRITE
0
1
0
0
X
C55_ESUS_PGM_WRITE
0
1
1
1
0
C55_PGM_SUS
10
X
1
0
X0
X
1
1
C55_ERS_SUS
11
0
0
X
X1
1
0
X
X1
1
0
X
C55_ERS_SUS_PGM_SUS
11
1
1
0
X1
1
1
1
Table 38. Suspend State Definitions
Argument
Code
Description
Valid operation after
suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51