| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1618 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1618 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 51 page ![]() API specification UM1618 28/51 DocID024371 Rev 3 Return values Troubleshooting Comments User should call this function periodically until the whole operation finishes. This function can also be called inside an interrupt procedure for program/erase to take the full advantage of interrupt. Each time the interrupt procedure is called, ‘FlashCheckStatus’ gets called to continue to complete the whole operation. Assumptions It assumes that the Flash block is initialized using a ‘FlashInit()’ API. 2.7.9 FlashSuspend Description This function checks if there is any high voltage operation being in progress on the C55 module and if this operation can be suspended. This function suspends the ongoing operation if it can be suspended. Prototype UINT32 FlashSuspend (PSSD_CONFIG pSSDConfig, UINT8 *suspendState); Table 34. Return values for FlashCheckStatus Type Description Possible values UINT32 Successful completion or error value. C55_INPROGRESS C55_DONE C55_ERROR_MODE_OP All possible states in ‘FlashSuspend()’ All possible states in ‘FlashArrayIntegritySuspend()’ Table 35. Troubleshooting for FlashCheckStatus Returned Error Bits Description Solution C55_ERROR_MODE_OP User provides invalid modeOp argument. The modeOp must be one of the values provided on Table 33. |