| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4253 bảng dữ liệu(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4253 bảng dữ liệu(HTML) 41 Page - STMicroelectronics |
|
41 / 44 page ![]() DocID024255 Rev 2 41/44 AN4253 asm examples e_lis r0, ME_MCTL_DRUN_R2@h e_or2i r0, ME_MCTL_DRUN_R2@l e_stw r0, ME_REG_MCTL (r7) // 2. step - inverted key // wait for transition to complete (test of GS.MTRANS bit) me_wait_sysclk: e_lwz r0, ME_REG_GS (r7) // read GS register se_btsti r0, ME_GS_MTRANS // test the MTRANS bit se_bc 0,2,me_wait_pll0on // if '1' > wait in loop // check that system clock is FMPLL0 e_and2i. r0, ME_GS_SYSCLK_MASK // get system clock status se_cmpi r0, ME_MC_SYSCLK_PLL // check the value se_bc 1,2,clk_startup_end // continue if PLL is the system clock clk_fault_handler: se_b . // fault handler loop, app code needed clk_startup_end: A.12 Software Watchdog Timer (SWT) disable e_lis r7, SWT_BASE@h e_or2i r7, SWT_BASE@l // base address of SWT module e_li r0, SWT_UNLOCK_KEY1 e_stw r0, SWT_REG_SR (r7) // 1. key e_li r0, SWT_UNLOCK_KEY2 e_stw r0, SWT_REG_SR (r7) // 2. key -> soft lock disabled e_lwz r0, SWT_REG_CR (r7) // read CR register se_bclri r0, 31 // clear WEN bit (disable WEN) e_stw r0, SWT_REG_CR (r7) // write modified value back A.13 Init whole RAM e_lis r3,__wrs_ramsize_words@h // size of ECC prot. SRAM in words e_or2i r3,__wrs_ramsize_words@l // = size in bytes /4 mtctr r3 // copy this value to counter gpr e_lis r7,__wrs_ramstart@h // r7 is now our ram pointer e_or2i r7,__wrs_ramstart@l // initialized to start of SRAM se_subi r7,0x04 // and now to 1 word location less e_lis r3,ECC_RAM_INIT_VALUE@h e_or2i r3,ECC_RAM_INIT_VALUE@l sram_loop: e_stwu r3,0x04(r7) // write r3, to r7+4 and update r7 e_bdnz sram_loop // decr. counter gpr,loop if not 0 |