| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN4253 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4253 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 44 page ![]() DocID024255 Rev 2 39/44 AN4253 asm examples se_b . // here infinitive loop me_end: A.8 AIPS protection aips_start: e_lis r7, AIPS_BASE@h e_or2i r7, AIPS_BASE@l // r7 = AIPS bridge base address e_lis r0, AIPS_MPROT_ENABLE@h e_or2i r0, AIPS_MPROT_ENABLE@l // value to write to AIPS MPROT register se_stw r0, AIPS_REG_MPROT (r7) // write the value A.9 Cache memory initialization init_cache: e_li r0, CACHE_ICE_BIT // prepare ICE bit to enable the cache mtspr CACHE_REG_L1CSR1, r0 // enable Cache A.10 Branch prediction mfbucsr r3 // read BUCSR special function register e_or2i r3, 0x1 // set branch prediction bit mtbucsr r3 // write value back to enable it A.11 Clock system initialization // setup CGM and ME base addresses e_lis r6, CGM_BASE@h e_or2i r6, CGM_BASE@l e_lis r7, ME_BASE@h e_or2i r7, ME_BASE@l // setup EOCV value in XOSC block e_lhz r0, XOSC_REG_OSCCTL (r6) // get half word with EOCV bit field e_and2i. r0, XOSC_EOCV_IMASK // clear EOCV field e_or2i r0, XOSC_EOCV_VALUE // set new value e_sth r0, XOSC_REG_OSCCTL (r6) // write it back // enable XOSC in DRUN mode e_lwz r0, ME_REG_DRUN_MC (r7) // read ME_DRUN_MC register se_bseti r0, ME_MC_XOSCON // set on XOSCON bit e_stw r0, ME_REG_DRUN_MC (r7) // write value back // mode transition -> DRUN e_lis r0, ME_MCTL_DRUN_R1@h e_or2i r0, ME_MCTL_DRUN_R1@l e_stw r0, ME_REG_MCTL (r7) // 1. step - normal key e_lis r0, ME_MCTL_DRUN_R2@h e_or2i r0, ME_MCTL_DRUN_R2@l |