| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3327 bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3327 bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 22 page ![]() Limitations AN3327 18/22 DocID18343 Rev 3 5 Limitations These cases compare an unloaded motor with a stalled motor. The differences between these two states are dramatic and easily detectable. From the above analysis we can see that a loaded motor causes the detected BEMF thresholds to droop as the BEMF shifts to be more aligned with current. This drooping must be taken into account when considering an acceptable stall threshold. For every application there is a maximum expected torque requirement for an application. This maximum torque requirement must be taken into account when determining the BEMF stall threshold. Other things that might limit this method include a loose or spongy transmission or “soft” stall where the rotor is allowed to "bounce". These limitations are even more difficult to overcome in the current / duty cycle methodology. Because the BEMF sensing is done externally to the IC this limitation can be overcome to some extent with a statistical method discerning the stall threshold. |