| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3327 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3327 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 22 page ![]() L9942 stall detection methods AN3327 12/22 DocID18343 Rev 3 Figure 8. Back EMF waveforms on an active stepper motor In an unloaded motor winding at the points where the current is at or near zero the BEMF is the strongest. The concern comes when you consider the effects of motor loading on the phasing of the BEMF. Since this algorithm only looks for BEMF when the phase is not being driven there is a very short window to "look". As the motor is loaded the BEMF shifts such that it is more in line with the driving voltage/current. As a result, motor loading adds some variation to the BEMF detection. A fully loaded motor just on the edge of stall looks to be the same as a fully stalled motor. Fortunately a stepper motor is not intended to be driven with that much load. |