công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3327 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3327
Giải thích chi tiết về linh kiện  L9942 back EMF stall detection algorithm
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3327 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3327 Datasheet HTML 10Page - STMicroelectronics AN3327 Datasheet HTML 11Page - STMicroelectronics AN3327 Datasheet HTML 12Page - STMicroelectronics AN3327 Datasheet HTML 13Page - STMicroelectronics AN3327 Datasheet HTML 14Page - STMicroelectronics AN3327 Datasheet HTML 15Page - STMicroelectronics AN3327 Datasheet HTML 16Page - STMicroelectronics AN3327 Datasheet HTML 17Page - STMicroelectronics AN3327 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
L9942 stall detection methods
AN3327
14/22
DocID18343 Rev 3
3.2.2
BEMF in a stalled motor
Comparing Figure 9 and Figure 10 with a stalled rotor waveform (Figure 11) illustrates the
difference between a stalled and a running motor. Again these figures are done using a full
stepped motor to better illustrate the BEMF during these conditions.
Figure 11. Motor in hard stall
Figure 11 shows virtually no back EMF during the non driven intervals. This is understood,
as BEMF is a direct result of rotor movement. If there is some movement in the stalled rotor
then the BEMF becomes visible (Figure 12). Figure 12 illustrates the irregular nature of the
BEMF in a "loosely" stalled motor.
Figure 12. Two instances where the motor is in stall but allowed to "vibrate"
Comparing these waveforms with the previous running waveforms we can see that there is
some overlap. Of course Figure 12 shows the behavior of a full step mode driven motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22