| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3327 bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3327 bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 22 page ![]() DocID18343 Rev 3 11/22 AN3327 L9942 stall detection methods 19 3.2 BEMF detection explained Comparing the coil current and the induced BEMF voltage of one stepper phase during non- stalled operation, it can be seen that there is a phase difference of 90° in between the current and the BEMF voltage. Figure 7. Back EMF and phase current The BEMF stall detection algorithm takes advantage of this phenomenon. When the motor current is transitioning from one polarity to the other there is one step that is typically programmed at zero Amps. As a result checking for BEMF when the step current is zero does not interfere with the control of the motor. |