công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3324 bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện AN3324
Giải thích chi tiết về linh kiện  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 29Page - STMicroelectronics AN3324 Datasheet HTML 30Page - STMicroelectronics AN3324 Datasheet HTML 31Page - STMicroelectronics AN3324 Datasheet HTML 32Page - STMicroelectronics AN3324 Datasheet HTML 33Page - STMicroelectronics AN3324 Datasheet HTML 34Page - STMicroelectronics AN3324 Datasheet HTML 35Page - STMicroelectronics AN3324 Datasheet HTML 36Page - STMicroelectronics AN3324 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN3324
CPU core initialization
Doc ID 18311 Rev 2
33/37
e_or2i
r5, __SDATA_SRAM_ADDR@l
# Load lower SRAM address into R5
e_subi
r5, r5, 1
# Decrement address to prepare for ROMCPYLOOP
ROMSDATACPYLOOP:
e_lbzu
r4, 1(r10) # Load data byte at R10 into R4,incrementing (update) ROM
address
e_stbu
r4, 1(r5)
# Store R4 data byte into SRAM at R5 and update SRAM address
e_bdnz
ROMSDATACPYLOOP
# Branch if more bytes to load from ROM
ROMCPYEND:
##--------- end Load un-initialised values into RAM ---------------------
.if __ghs__
e_bl
main
.else
bl
__init_main
.endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37