| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3324 bảng dữ liệu(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3324 bảng dữ liệu(HTML) 25 Page - STMicroelectronics |
|
25 / 37 page ![]() AN3324 Module software requirements for applicative peripherals Doc ID 18311 Rev 2 25/37 Figure 9. ADC self test in CPU mode using one shot sequence 1. In one shot mode, if test channel is enabled, only one step of selected self testing algorithm is executed at the end of the chain. The step number and algorithm to be executed is programmed in STCR3 register. P rogram N C M R 0 S e lec t channel to be c onv erte d fo r norm a l convers ion P rogram M CR.M O DE = 0 S e le ct one shot m ode P rogram s a m p ling duratio n P rogram STC R 3 .AL G Se lec t Se lf T e st A lgorithm ( 1 ) P rogram ST C R 2 .EN = 1 E nable se lf te s ting channel P rogram M C R .NS T A RT = 1 S tart the norm a l co nve rsio n P rogram STC R 3 .M S T E P S tep N u m ber of S e lf te s ting A lg . is executed sim ila r to a norm a l functional channel. D igita l v a lue in S T DR 1 .T CDA T A – STD R 1 .VA L ID se tte d E O C and E C H bits are se t in the IS R and S T _ E O C b it is se t in ST SR 1 . ID LE S tate N o rm al C onv ersions P rogram ST C R 1 [IN PS AM P n ] |