công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3324 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3324
Giải thích chi tiết về linh kiện  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 10Page - STMicroelectronics AN3324 Datasheet HTML 11Page - STMicroelectronics AN3324 Datasheet HTML 12Page - STMicroelectronics AN3324 Datasheet HTML 13Page - STMicroelectronics AN3324 Datasheet HTML 14Page - STMicroelectronics AN3324 Datasheet HTML 15Page - STMicroelectronics AN3324 Datasheet HTML 16Page - STMicroelectronics AN3324 Datasheet HTML 17Page - STMicroelectronics AN3324 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
AN3324
Module software requirements for non applicative peripherals
Doc ID 18311 Rev 2
14/37
The only exception to this rule is when the CMU monitors a PLL that is not used or is used
for non safety critical modules only.
In this case, error masking and limited internal reaction can be tolerated. External reaction
of the FCCU is always enabled and it can not be disabled.
User has to verify that no Critical Fault (CF) or Non Critical Fault (NCF) are present after the
boot.
Note:
The application has to configure the FCCU to enable all reactions related to faults of
peripherals used by the application safety function (see Figure 4: FCCU configuration flow).
Figure 4.
FCCU configuration flow
Configure Time-Out
Configure Critical Faults
Reaction
Begin
Enter Config State
Configure Non Critical
Faults Reaction
Configure Output
Protocol
Enable FCCU Irq with
proper priority
Set Normal State
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37