công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3044 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện AN3044
Giải thích chi tiết về linh kiện  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 12Page - STMicroelectronics AN3044 Datasheet HTML 13Page - STMicroelectronics AN3044 Datasheet HTML 14Page - STMicroelectronics AN3044 Datasheet HTML 15Page - STMicroelectronics AN3044 Datasheet HTML 16Page - STMicroelectronics AN3044 Datasheet HTML 17Page - STMicroelectronics AN3044 Datasheet HTML 18Page - STMicroelectronics AN3044 Datasheet HTML 19Page - STMicroelectronics AN3044 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Other tools from ST
AN3044
18/20
Doc ID 16196 Rev 2
7
Other tools from ST
ST has developed a Combox to allow to interface from the USB port of a PC and a UART or
CAN interface in an ECU.
7.1
Combox
The Combox is powered by the USB port. It has been designed for use in lab environment. It
allows CAN communication.
Figure 5.
Combox
The usage of the Combox shall be limited to reading traceability information.
MCU selftests are using the JTAG based tool.
7.2
SPC56x and autobaud
Some SPC56x support autobaud on CAN and UART; some do not.
The autobaud is supported by each powertrain variant (SPC563Mx, SPC564Ax) and by
each chassis variant (SPC560Px, SPC564ELx, SPC567HKx). The autobaud allows to avoid
to know the crystal of an ECU before connection.
For products without autobaud, users must know before connection the value of the crystal
used in the ECU and then compute the needed baudrate on the Combox side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20