công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3044 bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện AN3044
Giải thích chi tiết về linh kiện  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 5Page - STMicroelectronics AN3044 Datasheet HTML 6Page - STMicroelectronics AN3044 Datasheet HTML 7Page - STMicroelectronics AN3044 Datasheet HTML 8Page - STMicroelectronics AN3044 Datasheet HTML 9Page - STMicroelectronics AN3044 Datasheet HTML 10Page - STMicroelectronics AN3044 Datasheet HTML 11Page - STMicroelectronics AN3044 Datasheet HTML 12Page - STMicroelectronics AN3044 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN3044
ECU level diagnostic
Doc ID 16196 Rev 2
9/20
2.4
Summary for ECU level diagnostic
The table below is summarizing the different possibilities for ECU level diagnostic.
Table 1.
ECU level diagnostic
Comments
SPC56x traceability info
from protected Flash
3 different options proposed with 2 not
requiring to distribute the Flash password:
either use specific diagnostic software either
use serial boot mode with a specific
sequence.
Connection to ECU
ECU connector
To have 1 pin for boot mode selection
and 1 pin for ECU reset without power off
Communication interface
UART, LIN, CAN, FlexRay
ECU software
for self tests #1
User software using application specific
diagnostic mode.
Diagnostic mode can be selected by
using GPIO.
Diagnostic can send traceability
information and run small ECU self tests
software.
ECU software
for self tests #2
Software uploaded in SPC56x RAM
Requires to have access to boot mode
from ECU connector.
Very flexible scheme for loading and
executing self tests but require specific
sequence for reading traceability
information.
Proposed tools #1
Third party tools (Vector, Etas, ..) that allows
connection to the selected communication
interface.
Proposed tools #2
ST Combox + CPUcommander software
Requires manual configuration of
CPUcommander (com. characteristics,
format of traceability info).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20