công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN3044 bảng dữ liệu(PDF) 14 Page - STMicroelectronics

tên linh kiện AN3044
Giải thích chi tiết về linh kiện  ECU level diagnostic with SPC563Mx and SPC564Ax
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3044 bảng dữ liệu(HTML) 14 Page - STMicroelectronics

Back Button AN3044 Datasheet HTML 10Page - STMicroelectronics AN3044 Datasheet HTML 11Page - STMicroelectronics AN3044 Datasheet HTML 12Page - STMicroelectronics AN3044 Datasheet HTML 13Page - STMicroelectronics AN3044 Datasheet HTML 14Page - STMicroelectronics AN3044 Datasheet HTML 15Page - STMicroelectronics AN3044 Datasheet HTML 16Page - STMicroelectronics AN3044 Datasheet HTML 17Page - STMicroelectronics AN3044 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SPC563Mx / SPC564Ax and traceability information
AN3044
14/20
Doc ID 16196 Rev 2
5
SPC563Mx / SPC564Ax and traceability information
SPC563Mx and SPC564Ax have traceability information stored in the shadow Flash. This
information is a unique MCU identification made of wafer lot number and MCU ID for this lot.
The coding and the memory map of the traceability information is reported in the datasheet
of those products. As the goal here is to focus on showing the technical possibilities to read
the traceability information, the memory map is not showed again here (please refer to the
relevant product documentation).
5.1
Traceability code and Flash protection
As described in the product documentation, each device has a unique die identification
made by the concatenation of wafer information and a unique ID per wafer.
This can be used to generate, during ECU programming in the production line, a unique
password based on the encryption of the unique ID (readable by the application software in
the shadow Flash) and of the password selected by the OEM.
Then, for ECU level diagnostics, the OEM can send the password for the ECU wherever
analysis is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20