| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN3044 bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3044 bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 20 page ![]() STMicrolectronics self test tool AN3044 16/20 Doc ID 16196 Rev 2 6.3 Test repository ST is developing a test repository for SPC56x. The tests repository is the set of self tests for a given SPC56x. Figure 2. Test repository Self tests are functional tests downloaded into the RAM of the target MCU. They are then executed using the debugger. The MCU must be put into bootstrap loader mode to allow the JTAG tool to connect, load the self test, execute it, collect the results and show them on the PC. They include memory tests, CPU self tests and peripheral self tests. 6.4 Target connection ST has developed a target connection tool with Raisonance. This tool is powered from the USB port of the PC and connects to the JTAG port of SPC56x. Figure 3. Target connection |