| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10366ASP bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10366ASP bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 110 page ![]() RL78/G12 1. OUTLINE R01DS0193EJ0200 Rev.2.00 Sep 06, 2013 Page 10 of 106 1.5 Pin Identification ANI0 to ANI3, ANI16 to ANI22: Analog input REGC: RESET: Regulator Capacitance Reset AVREFM: Analog Reference Voltage Minus RxD0 to RxD2: SCK00, SCK01, SCK11, Receive Data AVREFP: Analog reference voltage plus EXCLK: External Clock Input (Main System Clock) SCK20: SCL00, SCL01, Serial Clock Input/Output INTP0 to INTP5 Interrupt Request From Peripheral SCL11, SCL20, SCLA0: SDA00, SDA01, SDA11, Serial Clock Input/Output KR0 to KR9: Key Return P00 to P03: Port 0 SDA20, SDAA0: Serial Data Input/Output P10 to P17: Port 1 SI00, SI01, SI11, SI20: Serial Data Input P20 to P23: Port 2 SO00, SO01, SO11, P30 to P31: Port 3 SO20: Serial Data Output P40 to P42: Port 4 TI00 to TI07: Timer Input P50, P51: Port 5 TO00 to TO07: Timer Output P60, P61: Port 6 TOOL0: Data Input/Output for Tool P120 to P122, P125: Port 12 TOOLRxD, TOOLTxD: Data Input/Output for External Device P137: Port 13 P147: Port 14 TxD0 to TxD2: Transmit Data PCLBUZ0, PCLBUZ1: Programmable Clock Output/ Buzzer Output VDD: Power supply VSS: Ground X1, X2: Crystal Oscillator (Main System Clock) |