| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10366ASP bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10366ASP bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp |
|
42 / 110 page ![]() RL78/G12 2. ELECTRICAL SPECIFICATIONS (A, D: TA = −40 to +85°C) R01DS0193EJ0200 Rev.2.00 Sep 06, 2013 Page 42 of 106 Notes 1. When DAP00 = 0 and CKP00 = 0, or DAP00 = 1 and CKP00 = 1 2. When DAP00 = 0 and CKP00 = 1, or DAP00 = 1 and CKP00 = 0. Caution Select the TTL input buffer for the SI00 pin and the N-ch open drain output (VDD tolerance) mode for the SO00 pin and SCK00 pin by using port input mode register 1 (PIM1) and port output mode register 1 (POM1). For VIH and VIL, see the DC characteristics with TTL input buffer selected. Remarks 1. Rb [ Ω]:Communication line (SCK00, SO00) pull-up resistance, Cb [F]: Communication line (SCK00, SO00) load capacitance, Vb [V]: Communication line voltage 2. fMCK: Serial array unit operation clock frequency (Operation clock to be set by the serial clock select register 0 (SPS0) and the CKS00 bit of serial mode register 00 (SMR00).) <R> |