| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F10366ASP bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10366ASP bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp |
|
35 / 110 page ![]() RL78/G12 2. ELECTRICAL SPECIFICATIONS (A, D: TA = −40 to +85°C) R01DS0193EJ0200 Rev.2.00 Sep 06, 2013 Page 35 of 106 CSI mode connection diagram (during communication at same potential) RL78 microcontroller SCKp SOp SCK SI User's device SIp SO CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 0, or DAPmn = 1 and CKPmn = 1.) SIp SOp tKCY1,2 tKL1,2 tKH1,2 tSIK1,2 tKSI1,2 tKSO1,2 SCKp Input data Output data CSI mode serial transfer timing (during communication at same potential) (When DAPmn = 0 and CKPmn = 1, or DAPmn = 1 and CKPmn = 0.) SIp SOp tKCY1,2 tKH1,2 tKL1,2 tSIK1,2 tKSI1,2 tKSO1,2 SCKp Input data Output data (Remarks are listed on the next page.) |