công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UPC1892 bảng dữ liệu(PDF) 24 Page - NEC

tên linh kiện UPC1892
Giải thích chi tiết về linh kiện  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

UPC1892 bảng dữ liệu(HTML) 24 Page - NEC

Back Button UPC1892 Datasheet HTML 20Page - NEC UPC1892 Datasheet HTML 21Page - NEC UPC1892 Datasheet HTML 22Page - NEC UPC1892 Datasheet HTML 23Page - NEC UPC1892 Datasheet HTML 24Page - NEC UPC1892 Datasheet HTML 25Page - NEC UPC1892 Datasheet HTML 26Page - NEC UPC1892 Datasheet HTML 27Page - NEC UPC1892 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
µPC1892
24
Electrical characteristics measurement: Matrix block (1/5)
Parameter
Symbol
Test conditions
Surround
mode
VOL
BAL
TRE
BAS
L+R
EFF
In-phase gain
GL+R
GL+R : Output level of L+ROUT (Pin 13)
OFF
––––
5.0
L+ROUT
LIN (Pin 25), RIN(Pin 26) : f = 1 kHz
VIN = 0.5 Vr.m.s.
0 dB : Input level LIN (Pin 25),
RIN (Pin 26)
In-phase gain
GOFF
L -channel
OFF
5.0
2.5
2.5
2.5
OFF mode
GOFF : Output level of LOUT (Pin 14)
LIN (Pin 25) : f = 1 kHz, VIN = 0.5 Vr.m.s.
0 dB : Input level of LIN (Pin 25)
R -channel
GOFF : Outpt level of ROUT (Pin 12)
RIN (Pin 26) : f = 1 kHz, VIN = 0.5 Vr.m.s.
0 dB : Input level of RIN (Pin 26)
In-phase gain
GMOV1
L -channel
MOV
5.0
2.5
2.5
2.5
2.5
Movie mode 1/2
GMOV2
GMOV : Output level of LOUT (Pin 14)
or
LIN (Pin 25) : f = 1 kHz, VIN = 0.5 Vr.m.s.
5.0
0 dB : Input level of LIN (Pin 25)
R -channel
GMOV : Output level of ROUT (Pin 12)
RIN (Pin 26) : f = 1 kHz, VIN = 0.5 Vr.m.s.
0 dB : Input level of RIN (Pin 26)
In-phase gain
GMus1
L -channel
MUS
5.0
2.5
2.5
2.5
2.5
Music mode 1/2
GMus2
GMUS : Output level of LOUT (Pin 14)
or
LIN (Pin 25) : f = 1 kHz, VIN = 0.5 Vr.m.s.
5.0
0 dB : Input level of LIN (Pin 25)
R -channel
GMUS : Output level of ROUT (Pin 12)
RIN (Pin 26) : f = 1 kHz, VIN = 0.5 Vr.m.s.
0 dB : Input level of RIN (Pin 26)
In-phase gain
GSIML1
L -channel
SIM
5.0
2.5
2.5
2.5
2.5
Simulated mode
GSIML2
GSIM : Output level of LOUT (Pin 14)
L-ch 1/2/3
GSIML3
LIN (Pin 25) : f = 250 Hz/1 kHz/3.6 kHz
VIN = 0.5 Vr.m.s.
0 dB : Input level of LIN (Pin 25)
In-phase gain
GSIMR1
R -channel
SIM
5.0
2.5
2.5
2.5
2.5
Simulated mode
GSIMR2
GSIM : Output level of ROUT (Pin 12)
R-ch 1/2/3
GSIMR3
RIN (Pin 26) : f = 250 Hz/1 kHz/3.6 kHz
VIN = 0.5 Vr.m.s.
0 dB : Input level of RIN (Pin 26)
Note 1. OFF: OFF mode, MOV: Movie mode, MUS: Music mode, SIM: Simulated mode
2. VOL: Volume control voltage, BAL: Balance control voltage, TRE: Treble control voltage, BAS: Bass control voltage,
L+R: L+R volume control voltage, EFF: Effect control voltage, –: Undefined
Note 1
Control pin voltage (V) Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com