công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VFS9V bảng dữ liệu(PDF) 31 Page - Murata Manufacturing Co., Ltd.

tên linh kiện VFS9V
Giải thích chi tiết về linh kiện  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V bảng dữ liệu(HTML) 31 Page - Murata Manufacturing Co., Ltd.

Back Button VFS9V Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Noise Suppression Effect of VFR/VFS Series
Type of Filter
Without Filters
Two-terminal capacitor
VFS9V
Three-terminal capacitor
(with ferrite bead)
EMI Suppression Effect
Description
In capacitors the voltage of the residual
surge (1300V) is higher than that of the
above example. The wave height is
almost the same as the original.
Conventional EMI filters do not work for
wide-pulse noise because the
capacitors are saturated. In this
example, the residual 1200V surge can
cause the system to break down.
Bypassing the high voltage to the
ground suppresses the voltage.
2. Absorption of wide-pulse noise (50ns/div, 200V/div)
Noise wave applied
100
90
80
20
10
0%
100
90
80
20
10
0%
100
90
80
20
10
0%
200ns
Continued from the preceding page.
29
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com