công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VFS9V bảng dữ liệu(PDF) 5 Page - Murata Manufacturing Co., Ltd.

tên linh kiện VFS9V
Giải thích chi tiết về linh kiện  EMI Suppression Filters (Lead Type EMIFIL)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MURATA [Murata Manufacturing Co., Ltd.]
Trang chủ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFS9V bảng dữ liệu(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  VFS9V Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. VFS9V Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
...........p.8–10
Ferrite Bead Inductor
Equivalent Circuit
Impedance - Frequency Characteristics (typical)
oFerrite Bead Inductor
c Outline
o Chip Ferrite Beads are effective for frequencies ranging
from a few MHz to a few GHz. Chip Ferrite Beads are
widely used as a low noise countermeasure, as well as a
universal noise suppression component.
o Chip Ferrite Beads produce a micro inductance in a low
frequency range. At high frequencies, however, the
resistive component of the inductor produces the primary
impedance. When inserted in series in the noise
producing circuit, the resistive impedance of the inductor
prevents noise propagation.
R: Real Part (Resistive Portion)
X: Imaginary Part (Inductive Portion)
R(f)
BL01
BL02RN1
BL02RN2
BL03RN2
X
R
Z
160
140
120
100
80
60
40
20
0
0.5
1
2
5
10
20
50 100 200
500 1000
Frequency (MHz)
Outline of EMI Suppression Filters (EMIFIL
r) for DC Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com