| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
28F016SA bảng dữ liệu(PDF) 16 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F016SA bảng dữ liệu(HTML) 16 Page - Intel Corporation |
|
16 / 55 page ![]() 28F016SA E 16 4.4 28F016SA–Performance Enhancement Command Bus Definitions First Bus Cycle Second Bus Cycle Third Bus Cycle Command Mode Notes Oper Addr Data(12) Oper Addr Data(12) Oper Addr Data Read Extended Status Register 1 Write X xx71H Read RA GSRD BSRD Page Buffer Swap 7 Write X xx72H Read Page Buffer Write X xx75H Read PBA PD Single Load to Page Buffer Write X xx74H Write PBA PD Sequential Load to Page Buffer x8 4,6,10 Write X xxE0H Write X BCL Write X BCH x16 4,5,6,10 Write X xxE0H Write X WCL Write X WCH Page Buffer Write to Flash x8 3,4,9,10 Write X xx0CH Write A0 BC(L,H) Write PA BC(H,L) x16 4,5,10 Write X xx0CH Write X WCL Write PA WCH Two-Byte Program x8 3 Write X xxFBH Write A0 WD(L,H) Write PA WD(H,L) Lock Block/Confirm Write X xx77H Write BA xxD0H Upload Status Bits/Confirm 2 Write X xx97H Write X xxD0H Upload Device Information Write X xx99H Write X xxD0H Erase All Unlocked Blocks/Confirm Write X xxA7H Write X xxD0H RY/BY# Enable to Level-Mode 8 Write X xx96H Write X xx01H RY/BY# Pulse-On- Write 8 Write X xx96H Write X xx02H RY/BY# Pulse-On- Erase 8 Write X xx96H Write X xx03H RY/BY# Disable 8 Write X xx96H Write X xx04H Sleep 11 Write X xxF0H Abort Write X xx80H ADDRESS DATA BA = Block Address AD = Array Data WC (L,H) = Word Count (Low, High) PBA = Page Buffer Address PD = Page Buffer Data BC (L,H) = Byte Count (Low, High) RA = Extended Register Address BSRD = BSR Data WD (L,H) = Write Data (Low, High) PA = Program Address GSRD = GSR Data X = Don’t Care |