| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9250-23 bảng dữ liệu(PDF) 8 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-23 bảng dữ liệu(HTML) 8 Page - Integrated Circuit Systems |
|
8 / 15 page ![]() 8 ICS9250-23 Third party brands and names are the property of their respective owners. Byte 1: Control Register (1 = enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. These outputs are designed to be configured at power-on and are not expected to be configured during the normal modes of operation. 2. PWD = Power on Default t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 0 # 3 S F 6 t i B- 0 # 0 S F 5 t i B- 0 # 2 S F 4 t i B5 31 z H M 4 2 3 t i B- 1 ) d e v r e s e R ( 2 t i B4 31 z H M 8 4 1 t i B- 1 ) d e v r e s e R ( 0 t i B8 31 F _ M A R D S t i B# n i PD W Pn o i t p i r c s e D 7 t i B0 21 7 K L C I C P 6 t i B9 11 6 K L C I C P 5 t i B7 11 5 K L C I C P 4 t i B6 11 4 K L C I C P 3 t i B5 11 3 K L C I C P 2 t i B3 1 1 2 K L C I C P 1 t i B2 11 1 K L C I C P 0 t i B1 11 0 K L C I C P Byte 3: Control Register (1 = enable, 0 = disable) Byte 2: Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B9 31 7 M A R D S 6 t i B0 41 6 M A R D S 5 t i B2 41 5 M A R D S 4 t i B3 41 4 M A R D S 3 t i B4 41 3 M A R D S 2 t i B6 4 1 2 M A R D S 1 t i B7 41 1 M A R D S 0 t i B8 41 0 M A R D S t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B7 1 0 _ 6 6 V 3 5 t i B8 1 1 _ 6 6 V 3 4 t i B- 0 # 4 S F 3 t i B4 51 C I P A O I 2 t i B- 0 # 1 S F 1 t i B1 51 1 K L C U P C 0 t i B2 51 0 K L C U P C Byte 4: Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B- 1 ) d e v r e s e R ( 6 t i B- 1 ) d e v r e s e R ( 5 t i B- 1 ) d e v r e s e R ( 4 t i B- 1 ) d e v r e s e R ( 3 t i B6 21 1 1 M A R D S 2 t i B7 21 0 1 M A R D S 1 t i B0 31 9 M A R D S 0 t i B1 31 8 M A R D S Byte 5: Control Register (1 = enable, 0 = disable) |