| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9250-23 bảng dữ liệu(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-23 bảng dữ liệu(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 15 page ![]() 7 ICS9250-23 Third party brands and names are the property of their respective owners. Byte 0: Functionality and frequency select register (Default=0) (1 = enable, 0 = disable) Notes: 1. Default at power-up will be for latched logic inputs to define frequency, as diplayed by Bit 3. t i B n o i t p i r c s e D D W P t i B ) 4 : 7 , 2 ( ) 4 : 7 , 2 ( t i B K L C U P C z H M M A R D S z H M 6 6 V 3 z H M K L C I C P C I P A O I z H M 0 0 1 0 0 1 e t o N 000 0 0 0 0 . 9 60 5 . 3 0 10 0 . 9 60 5 . 4 35 2 . 7 1 000 0 1 0 0 . 0 70 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 000 1 0 0 0 . 1 70 5 . 6 0 10 0 . 1 70 5 . 5 35 7 . 7 1 000 1 1 0 9 . 6 65 3 . 0 0 10 9 . 6 65 4 . 3 33 7 . 6 1 00 1 0 0 0 0 . 2 70 0 . 8 0 10 0 . 2 70 0 . 6 30 0 . 8 1 00 1 0 1 0 0 . 5 70 5 . 2 1 10 0 . 5 70 5 . 7 35 7 . 8 1 00 1 1 0 0 6 . 6 70 9 . 4 1 10 6 . 6 70 4 . 8 30 2 . 9 1 00 1 1 1 0 0 . 5 80 5 . 7 2 10 0 . 5 80 5 . 2 45 2 . 1 2 01 0 0 0 0 0 . 8 60 0 . 2 0 10 0 . 8 60 0 . 4 30 0 . 7 1 01 0 0 1 0 0 . 4 70 0 . 1 1 10 0 . 4 70 0 . 7 30 5 . 8 1 01 0 1 0 0 0 . 0 4 10 0 . 0 4 10 0 . 0 70 0 . 5 30 5 . 7 1 01 0 1 1 3 3 . 3 3 13 3 . 3 3 17 6 . 6 63 3 . 3 37 6 . 6 1 01 1 0 0 0 0 . 0 5 10 0 . 0 5 10 0 . 5 70 5 . 7 35 7 . 8 1 01 1 0 1 0 0 . 5 5 10 0 . 5 5 10 5 . 7 75 7 . 8 38 3 . 9 1 01 1 1 0 0 0 . 6 6 10 0 . 6 6 10 0 . 3 80 5 . 1 45 7 . 2 2 01 1 1 1 0 0 . 6 6 10 0 . 6 6 10 0 . 1 1 10 8 . 5 50 9 . 7 2 10 0 0 0 7 7 . 1 1 17 7 . 1 1 12 5 . 4 76 2 . 7 33 6 . 8 1 10 0 0 1 8 7 . 4 0 18 7 . 4 0 16 8 . 9 63 9 . 4 36 4 . 7 1 10 0 1 0 1 5 . 9 0 11 5 . 9 0 11 0 . 3 70 5 . 6 35 2 . 8 1 10 0 1 1 0 9 . 0 0 10 9 . 0 0 17 2 . 7 63 6 . 3 32 8 . 6 1 10 1 0 0 0 0 . 7 1 10 0 . 7 1 10 5 . 8 75 2 . 9 33 6 . 9 1 10 1 0 1 5 7 . 3 2 15 7 . 3 2 10 5 . 2 85 2 . 1 42 6 . 0 2 10 1 1 0 3 3 . 3 3 13 3 . 3 3 19 8 . 8 84 4 . 4 42 2 . 2 2 10 1 1 1 0 5 . 2 4 10 5 . 2 4 10 0 . 5 90 5 . 7 45 7 . 3 2 11 0 0 0 0 0 . 6 3 15 2 . 2 0 10 5 . 8 65 2 . 4 33 1 . 7 1 11 0 0 1 0 0 . 0 4 10 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 11 0 1 0 0 0 . 3 4 10 5 . 7 0 10 0 . 2 70 0 . 6 30 0 . 8 1 11 0 1 1 0 9 . 3 3 18 6 . 0 0 15 4 . 7 63 7 . 3 36 8 . 6 1 111 0 0 7 6 . 6 4 10 0 . 0 1 13 3 . 3 77 6 . 6 33 3 . 8 1 111 0 1 3 3 . 9 4 10 0 . 2 1 17 6 . 4 73 3 . 7 37 6 . 8 1 111 1 0 0 3 . 3 5 19 2 . 5 1 14 2 . 7 72 6 . 8 30 3 . 9 1 111 1 1 7 6 . 6 6 12 3 . 5 2 14 3 . 3 87 6 . 1 43 8 . 0 2 3 t i B s t u p n i d e h c t a l , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 6 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d a e r p S r e t n e C % 5 2 . 0 ± e l b a n e m u r t c e p s d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o l l a e t a t s i r T - 1 0 |