công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AT697F bảng dữ liệu(PDF) 41 Page - ATMEL Corporation

tên linh kiện AT697F
Giải thích chi tiết về linh kiện  SPARC V8 High Performance Low-power 32-bit Architecture
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F bảng dữ liệu(HTML) 41 Page - ATMEL Corporation

Back Button AT697F_14 Datasheet HTML 37Page - ATMEL Corporation AT697F_14 Datasheet HTML 38Page - ATMEL Corporation AT697F_14 Datasheet HTML 39Page - ATMEL Corporation AT697F_14 Datasheet HTML 40Page - ATMEL Corporation AT697F_14 Datasheet HTML 41Page - ATMEL Corporation AT697F_14 Datasheet HTML 42Page - ATMEL Corporation AT697F_14 Datasheet HTML 43Page - ATMEL Corporation AT697F_14 Datasheet HTML 44Page - ATMEL Corporation AT697F_14 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 176 page
background image
41
AT697F
7703E–AERO–08/11
Each unit n is configured by two write protection registers (WPSTAn and WPSTOn):
•
the unit can be enabled/disabled(1) in supervisor mode(2) (WPSTOn.su) and in user
mode(3) (WPSTOn.us)
•
the segment is defined by a START address(4) (WPSTAn.start) and an END
address(4) (WPSTOn.end)
•
protection can be performed inside/outside the segment (WPSTAn.bp)
Notes: 1. The unit is enabled as soon as one of the two modes is enabled
2. The DSU communication interface has supervisor status when accessing the RAM
area
3. The PCI interface (DMA and Target) has user status when accessing the RAM area
4. Address is a 32-bit word-aligned offset from the start of the RAM area (0x40000000)
Figure 19. Start/End Address Scheme Protection Overview
Segment mode (
bp = 0)
Block mode (
bp = 1)
RAM
RAM
Write
trap
Write
trap
Write
trap
Block
Protected
Allowed
Segment
END
START
END
START
The protection is based on a segment of any arbitrary size in the RAM address space
(4 bytes to 1 GB):
Table 11. Write Address Comparison
field
01
Most significant write address bits
word
The most significant bits of the write address are simply compared against the START
and the END address of the segment (both boundaries included) to determine if the
write address is inside the defined segment or in the block (outside of this segment).
If the write protection unit is enabled for the current IU mode (user or supervisor) and a
block or segment protection error is detected, the write access is cancelled and a
write_error trap (0x2B) is generated.
Tag/Mask Address Scheme
Tag/Mask address scheme protection is implemented as two write protection units
capable of each controlling write access inside/outside of a binary aligned memory seg-
ment in the range of 32 KB - 1 GB.
bit num
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com